3757 w. touhy ave., lincolnwood, il 60712 (847)675-1760 fax (847) 675-2850 www.illcap.com bps +85c non-polar radial lead aluminum electrolytic capacitors features ? standard case sizes ? lead free leads applications ? audio coupling ? crossover networks specifications operating temperature range -40c to +85c capacitance tolerance + 20% at 120 hz, 20c wvdc 10 16 25 35 50 63 100 surge voltage svdc 13 20 32 44 63 79 125 wvdc 10 16 25 35 50 63 100 dissipation factor tan .24 .22 .2 .16 .14 .12 .1 5 minutes leakage current .05cv or 3ua, whichever is greater wvdc 10 16 25 35 50 63 100 -25c to 20c 3 2 2 2 2 2 2 low temperature stability impedance ratio (120 hz) -40c to +20c 8 6 5 4 4 3 3 2000 hours at 85c with rated wvdc and ra ted voltage reversed every 250 hours. capacitance change < 20% of initial measured value dissipation factor < 200% of maximum specified value load life leakage current > 100% of maximum specified value 1000 hours at 85c with no voltage applied capacitance change < 20% of initial measured value dissipation factor < 200% of maximum specified value shelf life leakage current > 100% of maximum specified value capacitance frequency (hz) temperature (c) uf 50 120 400 1k 10k 50k +85 +70 +60 +30 c< 10 .72 1.0 1.25 1.45 1.65 1.7 1.0 1.3 1.5 1.8 10 bps +85c, bi- polar, 2000 hours capacitance (f) wvdc ic part number maximum esr (m) 120 hz, +20c maximum rms ripple current (a) 120 hz, +105c dims dxl (mm) 0.47 50 474bps050m 564.379 5 5x11 0.47 100 474bps100m 352.737 10 5x11 1 50 105bps050m 265.258 10 5x11 1 100 105bps100m 165.786 18 5x11 2.2 50 225bps050m 120.572 23 5x11 2.2 100 225bps100m 75.358 30 6.3x11 3.3 50 335bps050m 80.381 28 5x11 3.3 100 335bps100m 50.238 35 6.3x11 4.7 50 475bps050m 56.438 35 5x11 4.7 63 475bps063m 42.328 37 5x11 4.7 100 475bps100m 35.274 44 6.3x11 10 35 106bps035m 23.21 46 5x11 10 50 106bps050m 26.526 54 6.3x11 10 63 106bps063m 19.894 58 6.3x11 10 100 106bps100m 16.579 72 8x11.5 22 16 226bps016m 16.579 60 5x11 22 35 226bps035m 10.55 75 6.3x11 22 50 226bps050m 12.057 90 8x11.5 22 63 226bps063m 9.043 96 8x11.5 22 100 226bps100m 7.536 138 10x16 33 16 336bps016m 11.052 72 5x11 33 25 336bps025m 10.048 82 6.3x11 33 50 336bps050m 8.038 108 8x11.5 33 63 336bps063m 6.029 135 10x12.5 33 100 336bps100m 5.024 200 12.5x20 47 10 476bps010m 8.466 82 5x11 47 25 476bps025m 7.055 95 6.3x11 47 35 476bps035m 4.938 120 8x11.5 47 50 476bps050m 5.644 155 10x12.5 47 63 476bps063m 4.233 185 10x16 47 100 476bps100m 3.527 245 12.5x20 100 10 107bps010m 3.979 125 6.3x11 100 25 107bps025m 3.316 160 8x11.5 100 35 107bps035m 2.321 230 10x16 100 50 107bps050m 2.653 270 10x20 capacitance (f) wvdc ic part number maximum esr (m) 120 hz, +20c maximum rms ripple current (a) 120 hz, +105c dims dxl (mm) 100 63 107bps063m 1.989 325 12.5x20 100 100 107bps100m 1.628 430 16x25 220 10 227bps010m 1.809 215 8x11.5 220 16 227bps016m 1.658 263 10x12.5 220 25 227bps025m 1.507 305 10x16 220 35 227bps035m 1.055 418 12.5x20 220 50 227bps050m 1.206 490 12.5x25 220 63 227bps063m 0.904 575 16x25 220 100 227bps100m 0.754 650 18x35.5 330 6.3 337bps6r3m 1.206 255 8x11 330 16 337bps016m 1.105 358 10x16 330 35 337bps035m 0.703 520 12.5x20 330 50 337bps050m 0.804 660 16x25 330 63 337bps063m 0.603 655 16x31.5 330 100 337bps100m 0.502 790 18x35.5 470 6.3 477bps6r3m 0.979 350 10x12.5 470 10 477bps010m 0.847 410 10x16 470 16 477bps016m 0.776 465 10x20 470 25 477bps025m 0.706 550 12.5x20 470 35 477bps035m 0.494 665 12.5x25 470 50 477bps050m 0.564 850 16x31.5 470 63 477bps063m 0.423 965 18x35.5 470 100 477BPS100M 0.353 1030 18x42 1000 6.3 108bps6r3m 0.4603 615 10x20 1000 10 108bps010m 0.398 725 12.5x20 1000 16 108bps016m 0.365 825 12.5x25 1000 25 108bps025m 0.332 965 16x25 1000 35 108bps035m 0.232 1160 16x31.5 2200 6.3 228bps6r3m 0.211 1070 13x25 2200 10 228bps010m 0.211 1280 16x25 2200 16 228bps016m 0.196 1460 16x31.5 2200 25 228bps025m 0.181 1620 18x35.5 3300 10 338bps010m 0.151 1590 16x31.5 3300 16 338bps016m 0.141 1890 18x35.5 4700 10 478bps010m 0.113 1990 18x35.5
|